|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
?
$ y outline 204 j534 ? $tmmox y?i 8 f c ??xa r?. a ?a ??]? < ^m{1 ?tmmox1?7?]?y<^m{ ' p s e f u b j m t p g p v u m j o f e j n f o t j p o t s f g f s u p p v s x f c t j u f p s u i f 4 f n j d p o e v d u p s 4 i p s u ' p s n $ b u b m p h " t g p s u i f n b s l j o h s f g f s u p u i f t q f d j d b u j p o i . b s l j o h 5 f s n j o b m $ p o o f d u j p o u ? ? ?? ??yo. surface mounting device single diode recti?er diode d4f60 600v 4a package 2f 6 o j u n n 8 f j h i u h u z q ??g ? ? % b u f d p e f $ m b t t ?t? 5 z q f / p 1???? $ b u i p e f n b s l ? ? ? ? 60 4fv 7d ? ? ? y ratings d4f60 o? unit ? ? 7 " " " t yy item g? symbol ye conditions ?y type no. -9s storage temperature ? ?9s operation junction temperature d??o?y maximum reverse voltage z??v average rectified forward current d??? q?v peak surge forward current ?v? e u current squared time 5 t u h 5 k 7 3 . * 0 * ' 4 . * u ) [ ymt| ? ?y 50hz sine wave, resistance load ) [ ymt| ??&` ???d???| 5 k ? 50hz sine wave , non-repetitive 1cycle peak value, tj = 25 ? 7 " ? 8 q?y forward voltage o?v reverse current ? ? thermal resistance 7 ' * 3 ? pulse measurement ? pulse measurement * ' " 7 3 7 3 . ? ?~??? junction to lead ? ?~ *? junction to ambient ????, x? |